Part Number Hot Search : 
04597 KBPC1510 CMHZ4104 HC1G0 04597 D9153 HER205 AM26LS29
Product Description
Full Text Search
 

To Download MC54HCT574AJ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
   semiconductor technical data 31 rev 7 ? motorola, inc. 1997 3/97 # ## %!#
   &#   #  $#" highperformance silicongate cmos the mc54/74hct574a is identical in pinout to the ls574. this device may be used as a level converter for interfacing ttl or nmos outputs to high speed cmos inputs. data meeting the setup time is clocked to the outputs with the rising edge of the clock. the output enable input does not affect the states of the flipflops, but when output enable is high, all device outputs are forced to the highimpedance state. thus, data may be stored even when the outputs are not enabled. the hct574a is identical in function to the hct374a but has the flipflop inputs on the opposite side of the package from the outputs to facilitate pc board layout. ? output drive capability: 15 lsttl loads ? ttl nmos compatible input levels ? outputs directly interface to cmos, nmos and ttl ? operating voltage range: 4.5 to 5.5 v ? low input current: 1.0 m a ? in compliance with the requirements defined by jedec standard no. 7a ? chip complexity: 286 fets or 71.5 equivalent gates logic diagram data inputs d0 219 q0 d1 d2 d3 d4 d5 d6 d7 clock output enable 3 4 5 6 7 8 9 11 1 18 17 16 15 14 13 12 q1 q2 q3 q4 q5 q6 q7 non inverting outputs pin 20 = v cc pin 10 = gnd ?????????? ?????????? design criteria ???? ???? value ??? ??? units ?????????? ? ???????? ? ?????????? internal gate count* ???? ? ?? ? ???? 71.5 ??? ?? ? ??? ea ?????????? ? ???????? ? ?????????? internal gate propagation delay ???? ? ?? ? ???? 1.5 ??? ?? ? ??? ns ?????????? ?????????? internal gate power dissipation ???? ???? 5.0 ??? ??? m w ?????????? ?????????? speed power product ???? ???? 0.0075 ??? ??? pj * equivalent to a twoinput nand gate.    pin assignment d4 d2 d1 d0 output enable gnd d7 d6 d5 d3 5 4 3 2 1 10 9 8 7 6 14 15 16 17 18 19 20 11 12 13 q3 q2 q1 q0 v cc clock q7 q6 q5 q4 function table inputs output oe clock d q lhh lll l l,h, x no change hxxz x = don't care z = high impedance dw suffix soic package case 751d04 n suffix plastic package case 73803 ordering information mc54hctxxxaj mc74hctxxxan mc74hctxxxadw ceramic plastic soic j suffix ceramic package case 73203 1 20 1 20 1 20
mc54/74hct574a motorola highspeed cmos logic data dl129 e rev 6 32 ??????????????????????? ??????????????????????? maximum ratings* ??? ??? symbol ?????????????? ?????????????? parameter ?????? ?????? value ??? ??? unit ??? ??? v cc ?????????????? ?????????????? dc supply voltage (referenced to gnd) ?????? ?????? 0.5 to + 7.0 ??? ??? v ??? ??? v in ?????????????? ?????????????? dc input voltage (referenced to gnd) ?????? ?????? 0.5 to v cc + 0.5 ??? ??? v ??? ??? v out ?????????????? ?????????????? dc output voltage (referenced to gnd) ?????? ?????? 0.5 to v cc + 0.5 ??? ??? v ??? ??? i in ?????????????? ?????????????? dc input current, per pin ?????? ?????? 20 ??? ??? ma ??? ??? i out ?????????????? ?????????????? dc output current, per pin ?????? ?????? 35 ??? ??? ma ??? ??? i cc ?????????????? ?????????????? dc supply current, v cc and gnd pins ?????? ?????? 75 ??? ??? ma ??? ? ? ? ??? p d ?????????????? ? ???????????? ? ?????????????? power dissipation in still air, plastic or ceramic dip2 soic package2 ?????? ? ???? ? ?????? 750 500 ??? ? ? ? ??? mw ??? ??? t stg ?????????????? ?????????????? storage temperature ?????? ?????? 65 to + 150 ??? ???  c ??? ? ? ? ??? t l ?????????????? ? ???????????? ? ?????????????? lead temperature, 1 mm from case for 10 seconds (plastic dip or soic package) (ceramic dip) ?????? ? ???? ? ?????? 260 300 ??? ? ? ? ???  c * maximum ratings are those values beyond which damage to the device may occur. functional operation should be restricted to the recommended operating conditions. 2derating e plastic dip: 10 mw/  c from 65  to 125  c ceramic dip: 10 mw/  c from 100  to 125  c soic package: 7 mw/  c from 65  to 125  c for high frequency or heavy load considerations, see chapter 2 of the motorola highspeed cmos data book (dl129/d). recommended operating conditions ???? ???? symbol ?????????????? ?????????????? parameter ??? ??? min ??? ??? max ??? ??? unit ???? ???? v cc ?????????????? ?????????????? dc supply voltage (referenced to gnd) ??? ??? 4.5 ??? ??? 5.5 ??? ??? v ???? ???? v in , v out ?????????????? ?????????????? dc input voltage, output voltage (referenced to gnd) ??? ??? 0 ??? ??? v cc ??? ??? v ???? ???? t a ?????????????? ?????????????? operating temperature, all package types ??? ??? 55 ??? ??? + 125 ??? ???  c ???? ???? t r , t f ?????????????? ?????????????? input rise and fall time (figure 1) ??? ??? 0 ??? ??? 500 ??? ??? ns dc electrical characteristics (voltages referenced to gnd) ???? ? ?? ? sbl ????????? ? ??????? ? p ????????? ? ??????? ? t c di i ???? ? ?? ? v ????????? ? ??????? ? guaranteed limit ??? ? ? ? ui ???? ? ?? ? ???? symbol ????????? ? ??????? ? ????????? parameter ????????? ? ??????? ? ????????? test conditions ???? ? ?? ? ???? v cc v ??? ? ?? ??? 55 to 25  c ???? ? ?? ? ????  85  c ???? ? ?? ? ????  125  c ??? ? ? ? ??? unit ???? ? ?? ? ???? v ih ????????? ? ??????? ? ????????? minimum highlevel input voltage ????????? ? ??????? ? ????????? v out = 0.1 v or v cc 0.1 v |i out |  20 m a ???? ? ?? ? ???? 4.5 5.5 ??? ? ?? ??? 2.0 2.0 ???? ? ?? ? ???? 2.0 2.0 ???? ? ?? ? ???? 2.0 2.0 ??? ? ? ? ??? v ???? ? ?? ? ???? v il ????????? ? ??????? ? ????????? maximum lowlevel input voltage ????????? ? ??????? ? ????????? v out = 0.1 v or v cc 0.1 v |i out |  20 m a ???? ? ?? ? ???? 4.5 5.5 ??? ? ?? ??? 0.8 0.8 ???? ? ?? ? ???? 0.8 0.8 ???? ? ?? ? ???? 0.8 0.8 ??? ? ? ? ??? v ???? ? ?? ? ???? v oh ????????? ? ??????? ? ????????? minimum highlevel output voltage ????????? ? ??????? ? ????????? v in = v ih or v il |i out |  20 m a ???? ? ?? ? ???? 4.5 5.5 ??? ? ?? ??? 4.4 5.4 ???? ? ?? ? ???? 4.4 5.4 ???? ? ?? ? ???? 4.4 5.4 ??? ? ? ? ??? ???? ? ?? ? ???? ????????? ? ??????? ? ????????? ????????? ? ??????? ? ????????? v in = v ih or v il |i out |  6.0 ma ???? ? ?? ? ???? 4.5 ??? ? ?? ??? 3.98 ???? ? ?? ? ???? 3.84 ???? ? ?? ? ???? 3.7 ??? ? ? ? ??? v ???? ? ?? ? ???? v ol ????????? ? ??????? ? ????????? maximum lowlevel output voltage ????????? ? ??????? ? ????????? v in = v ih or v il |i out |  20 m a ???? ? ?? ? ???? 4.5 5.5 ??? ? ?? ??? 0.1 0.1 ???? ? ?? ? ???? 0.1 0.1 ???? ? ?? ? ???? 0.1 0.1 ??? ? ? ? ??? ???? ???? ????????? ????????? ????????? ????????? v in = v ih or v il |i out |  6.0 ma ???? ???? 4.5 ??? ??? 0.26 ???? ???? 0.33 ???? ???? 0.4 ??? ??? ???? ???? i in ????????? ????????? maximum input leakage current ????????? ????????? v in = v cc or gnd ???? ???? 5.5 ??? ??? 0.1 ???? ???? 1.0 ???? ???? 1.0 ??? ??? m a ???? ? ?? ? ???? i cc ????????? ? ??????? ? ????????? maximum quiescent supply current (per package) ????????? ? ??????? ? ????????? v in = v cc or gnd i out = 0 m a ???? ? ?? ? ???? 5.5 ??? ? ?? ??? 4.0 ???? ? ?? ? ???? 40 ???? ? ?? ? ???? 160 ??? ? ? ? ??? m a 1. output in highimpedance state. note: information on typical parametric values can be found in chapter 2 of the motorola highspeed cmos data book (dl129/d). this device contains protection circuitry to guard against damage due to high static voltages or electric fields. however, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this highimpedance cir- cuit. for proper operation, v in and v out should be constrained to the range gnd  (v in or v out )  v cc . unused inputs must always be tied to an appropriate logic voltage level (e.g., either gnd or v cc ). unused outputs must be left open.
mc54/74hct574a highspeed cmos logic data dl129 e rev 6 33 motorola dc electrical characteristics (voltages referenced to gnd) ???? ???? sbl ????????? ????????? p ????????? ????????? t c di i ???? ???? v ????????? ????????? guaranteed limit ??? ??? ui ???? ? ?? ? ???? symbol ????????? ? ??????? ? ????????? parameter ????????? ? ??????? ? ????????? test conditions ???? ? ?? ? ???? v cc v ??? ? ?? ??? 55 to 25  c ???? ? ?? ? ????  85  c ???? ? ?? ? ????  125  c ??? ? ? ? ??? unit ???? ? ?? ? i oz ????????? ? ??????? ? maximum threestate leakage current ????????? ? ??????? ? v in = v il or v ih (note 1) v out = v cc or gnd ???? ? ?? ? 5.5 ??? ? ?? 0.5 ???? ? ?? ? 5.0 ???? ? ?? ? 10 ??? ? ? ? m a ???? ???? d i cc ????????? ????????? additional quiescent supply current ????????? ????????? v in = 2.4 v, any one input v in = v cc or gnd, other inputs ???? ???? 55 ????? ????? 55  c ????? ????? 25  c to 125  c ??? ??? a ???? ???? ????????? ????????? current ????????? ????????? v i n = v cc or gnd , other inputs l out = 0 m a ???? ???? 5.5 ????? ????? 2.9 ????? ????? 2.4 ??? ??? ma 1. output in highimpedance state. ac electrical characteristics (v cc = 5.0 v 10%, c l = 50 pf, input t r = t f = 6.0 ns) ???? ? ?? ? ???? sbl ??????????????????? ? ????????????????? ? ??????????????????? p ?????????? ? ???????? ? ?????????? guaranteed limit ??? ? ? ? ??? ui ???? ? ?? ? ???? symbol ??????????????????? ? ????????????????? ? ??????????????????? parameter ???? ? ?? ? ???? 55 to 25  c ???? ? ?? ? ????  85  c ???? ? ?? ? ????  125  c ??? ? ? ? ??? unit ???? ???? f max ??????????????????? ??????????????????? maximum clock frequency (50% duty cycle) (figures 1 and 4) ???? ???? 30 ???? ???? 24 ???? ???? 20 ??? ??? mhz ???? ? ?? ? ???? t plh , t phl ??????????????????? ? ????????????????? ? ??????????????????? maximum propagation delay, clock to q (figures 1 and 4) ???? ? ?? ? ???? 30 ???? ? ?? ? ???? 38 ???? ? ?? ? ???? 45 ??? ? ? ? ??? ns ???? ???? t plz , t phz ??????????????????? ??????????????????? maximum propagation delay, output enable to q (figures 2 and 5) ???? ???? 28 ???? ???? 35 ???? ???? 42 ??? ??? ns ???? ? ?? ? ???? t pzh , t pzl ??????????????????? ? ????????????????? ? ??????????????????? maximum propagation delay time, output enable to q (figures 2 and 5) ???? ? ?? ? ???? 28 ???? ? ?? ? ???? 35 ???? ? ?? ? ???? 42 ??? ? ? ? ??? ns ???? ? ?? ? ???? t tlh , t thl ??????????????????? ? ????????????????? ? ??????????????????? maximum output transition time, any output (figures 1, 2 and 4) ???? ? ?? ? ???? 12 ???? ? ?? ? ???? 15 ???? ? ?? ? ???? 18 ??? ? ? ? ??? ns ???? ???? c in ??????????????????? ??????????????????? maximum input capacitance ???? ???? 10 ???? ???? 10 ???? ???? 10 ??? ??? pf note: for propagation delays with loads other than 50 pf, and information on typical parametric values, see chapter 2 of the motorola high speed cmos data book (dl129/d). c p di i i c i (p fli fl )* typical @ 25 c, v cc = 5.0 v f c pd power dissipation capacitance (per flipflop)* 58 pf * used to determine the noload dynamic power consumption: p d = c pd v cc 2 f + i cc v cc . for load considerations, see chapter 2 of the motorola highspeed cmos data book (dl129/d). ????????????????????????????????? ????????????????????????????????? timing requirements (v cc = 5.0 v 10%, c l = 50 pf, input t r = t f = 6.0 ns) ???? ???? sbl ??????????????? ??????????????? p ??? ??? fi ???????????? ???????????? guaranteed limit ??? ??? ui ???? ???? sbl ??????????????? ??????????????? p ??? ??? fi ????? ????? 55 to 25  c ????? ?????  85  c ???? ????  125  c ??? ??? ui ???? ???? symbol ??????????????? ??????????????? parameter ??? ??? fig. ??? ??? min ??? ??? max ??? ??? min ??? ??? max ??? ??? min ?? ?? max ??? ??? unit ???? ???? t su ??????????????? ??????????????? minimum setup time, data to clock ??? ??? 3 ??? ??? 10 ??? ??? ??? ??? 13 ??? ??? ??? ??? 15 ?? ?? ??? ??? ns ???? ???? t h ??????????????? ??????????????? minimum hold time, clock to data ??? ??? 3 ??? ??? 5.0 ??? ??? ??? ??? 5.0 ??? ??? ??? ??? 5.0 ?? ?? ??? ??? ns ???? ???? t w ??????????????? ??????????????? minimum pulse width, clock ??? ??? 1 ??? ??? 15 ??? ??? ??? ??? 19 ??? ??? ??? ??? 22 ?? ?? ??? ??? ns ???? ???? t r , if ??????????????? ??????????????? maximum input rise and fall times ??? ??? 1 ??? ??? ??? ??? 500 ??? ??? ??? ??? 500 ??? ??? ?? ?? 500 ??? ??? ns
mc54/74hct574a motorola highspeed cmos logic data dl129 e rev 6 34 expanded logic diagram clock enable output 11 1 d0 2 c 19 d q q0 d1 3 c 18 d q q1 d2 4 c 17 d q q2 d3 5 c 16 d q q3 d4 6 c 15 d q q4 d5 7 c 14 d q q5 d6 8 c 13 d q q6 d7 9 c 12 d q q7 switching waveforms figure 1. figure 2. clock q t r t f 3.0 v gnd 2.7 v 1.3 v 0.3 v 90% 1.3 v 10% t plh t phl t tlh t thl t w 1/f max q q 1.3 v 1.3 v 90% 10% t pzl t plz t pzh t phz 3.0 v gnd high impedance v ol v oh high impedance output enable 1.3 v figure 3. figure 4. test circuit figure 5. test circuit 1.3 v clock 3.0 v valid gnd 3.0 v gnd t su t h 1.3 v data * includes all probe and jig capacitance c l * test point device under test output * includes all probe and jig capacitance c l * test point device under test output connect to v cc when testing t plz and t pzl . connect to gnd when testing t phz and t pzh . 1 k w
mc54/74hct574a highspeed cmos logic data dl129 e rev 6 35 motorola outline dimensions j suffix ceramic package case 73203 issue e n suffix plastic package case 73803 issue e dw suffix plastic soic package case 751d04 issue e notes: 1. leads within 0.25 (0.010) diameter, true position at seating plane, at maximum material condition. 2. dimension l to center of leads when formed parallel. 3. dimensions a and b include meniscus. dim min max min max inches millimeters a 23.88 25.15 0.940 0.990 b 6.60 7.49 0.260 0.295 c 3.81 5.08 0.150 0.200 d 0.38 0.56 0.015 0.022 f 1.40 1.65 0.055 0.065 g 2.54 bsc 0.100 bsc h 0.51 1.27 0.020 0.050 j 0.20 0.30 0.008 0.012 k 3.18 4.06 0.125 0.160 l 7.62 bsc 0.300 bsc m 0 15 0 15 n 0.25 1.02 0.010 0.040  a 20 110 11 b f c seating plane d h g k n j m l notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. 3. dimension l to center of lead when formed parallel. 4. dimension b does not include mold flash. m l j 20 pl m b m 0.25 (0.010) t dim min max min max millimeters inches a 25.66 27.17 1.010 1.070 b 6.10 6.60 0.240 0.260 c 3.81 4.57 0.150 0.180 d 0.39 0.55 0.015 0.022 g 2.54 bsc 0.100 bsc j 0.21 0.38 0.008 0.015 k 2.80 3.55 0.110 0.140 l 7.62 bsc 0.300 bsc m 0 15 0 15 n 0.51 1.01 0.020 0.040   e 1.27 1.77 0.050 0.070 1 11 10 20 a seating plane k n f g d 20 pl t m a m 0.25 (0.010) t e b c f 1.27 bsc 0.050 bsc notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimensions a and b do not include mold protrusion. 4. maximum mold protrusion 0.150 (0.006) per side. 5. dimension d does not include dambar protrusion. allowable dambar protrusion shall be 0.13 (0.005) total in excess of d dimension at maximum material condition. a b 20 1 11 10 s a m 0.010 (0.25) b s t d 20x m b m 0.010 (0.25) p 10x j f g 18x k c t seating plane m r x 45  dim min max min max inches millimeters a 12.65 12.95 0.499 0.510 b 7.40 7.60 0.292 0.299 c 2.35 2.65 0.093 0.104 d 0.35 0.49 0.014 0.019 f 0.50 0.90 0.020 0.035 g 1.27 bsc 0.050 bsc j 0.25 0.32 0.010 0.012 k 0.10 0.25 0.004 0.009 m 0 7 0 7 p 10.05 10.55 0.395 0.415 r 0.25 0.75 0.010 0.029  
mc54/74hct574a motorola highspeed cmos logic data dl129 e rev 6 36 motorola reserves the right to make changes without further notice to any products herein. motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. atypicalo parameters which may be provided in motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. all operating parameters, including atypicalso must be validated for each customer application by customer's technical experts. motorola does not convey any license under its patent rights nor the rights of others. motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the motorola product could create a situation where personal injury or death may occur. should buyer purchase or use motorola products for any such unintended or unauthorized application, buyer shall indemnify and hold motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that motorola was negligent regarding the design or manufacture of the part. motorola and are registered trademarks of motorola, inc. motorola, inc. is an equal opportunity/affirmative action employer. mfax is a trademark of motorola, inc. how to reach us: usa / europe / locations not listed : motorola literature distribution; japan : nippon motorola ltd.; tatsumispdjldc, 6f seibubutsuryucenter, p.o. box 5405, denver, colorado 80217. 3036752140 or 18004412447 3142 tatsumi kotoku, tokyo 135, japan. 81335218315 mfax ? : rmfax0@email.sps.mot.com touchtone 6 022446609 asia / pacific : motorola semiconductors h.k. ltd.; 8b tai ping industrial park, us & canada only 18007741848 51 ting kok road, tai po, n.t., hong kong. 85226629298 internet : http://www.mot.com/sps/ mc74hct574a/d ?


▲Up To Search▲   

 
Price & Availability of MC54HCT574AJ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X